Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 56Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
53
Chapter 5
Configuration Register (CONFIG)
5.1 Introduction
This section describes the configuration registers (CONFIG1 and CONFIG2). The configuration registers
enable or disable the following options:
•
Stop mode recovery time (32
× BUSCLKX4 cycles or
4096
× BUSCLKX4 cycles)
•STOP instruction
•
Computer operating properly module (COP)
•
COP reset period (COPRS): 8176
× BUSCLKX4 or 262,128 × BUSCLKX4
•
Low-voltage inhibit (LVI) enable and trip voltage selection
•
OSC option selection
•IRQ pin
•RST pin
•
Auto wakeup timeout period
5.2 Functional Description
The configuration registers are used in the initialization of various options. The configuration registers can
be written once after each reset. Most of the configuration register bits are cleared during reset. Since the
various options affect the operation of the microcontroller unit (MCU) it is recommended that this register
be written immediately after reset. The configuration registers are located at $001E and $001F, and may
be read at anytime.
NOTE
The CONFIG registers are one-time writable by the user after each reset.
Upon a reset, the CONFIG registers default to predetermined settings as
shown in Figure 5-1 and Figure 5-2.
Address: $001E
Bit 7
6
54
32
1
Bit 0
Read:
IRQPUD
IRQEN
R
OSCOPT1
OSCOPT0
R
R
RSTEN
Write:
Reset:
000
0
0
00
U
POR:
000
0
0
000
R
= Reserved
U = Unaffected
Figure 5-1. Configuration Register 2 (CONFIG2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com