Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE10A Datasheet(PDF) 63 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 59Page - STMicroelectronics STE10A Datasheet HTML 60Page - STMicroelectronics STE10A Datasheet HTML 61Page - STMicroelectronics STE10A Datasheet HTML 62Page - STMicroelectronics STE10A Datasheet HTML 63Page - STMicroelectronics STE10A Datasheet HTML 64Page - STMicroelectronics STE10A Datasheet HTML 65Page - STMicroelectronics STE10A Datasheet HTML 66Page - STMicroelectronics STE10A Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
STE10/100A
Registers and descriptors description
63/82
XR7(offset = d0h) - XMC, XCVR mode control
15~12
---
Reserved
0
RO
11
LD
Long distance mode of 10BASE-T.
0: normal squelch level.
1: reduced 10Base-T squelch level for extended
cable length.
0R/W
10~0
---
Reserved
0
RO
XR8(offset = d4h) - XCIIS, XCVR configuration information and interrupt status
15~10
----
Reserved
0
RO
9
SPEED
Speed configuration setting.
0: the speed is 10Mb/s.
1: the speed is 100Mb/s.
1RO
8
DUPLEX
Duplex configuration setting.
0: the duplex mode is half.
1: the duplex mode is full.
0RO
7PAUSE
PAUSE function configuration setting for flow
control.
0: PAUSE function is disabled.
1: PAUSE function is enabled
0RO
6
ANC
Auto-negotiation completed interrupt.
0: Auto-negotiation has not completed yet.
1: Auto-negotiation has completed.
0RO/LH*
5RFD
Remote fault detected interrupt.
0: there is no remote fault detected.
1: remote fault is detected.
0RO/LH*
4LS
Link fail interrupt.
0: link test status is up.
1: link is down.
0RO/LH*
3ANAR
Auto-negotiation acknowledge received
interrupt.
0: there is no link code word received.
1: link code word is receive from link partner.
0RO/LH*
2PDF
Parallel detection fault interrupt.
0: there is no parallel detection fault.
1: parallel detection is fault.
0RO/LH*
1ANPR
Auto-negotiation page received interrupt.
0: there is no auto-negotiation page received.
1: auto-negotiation page is received.
0RO/LH*
Table 10.
Transceiver registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com