Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE10A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 24Page - STMicroelectronics STE10A Datasheet HTML 25Page - STMicroelectronics STE10A Datasheet HTML 26Page - STMicroelectronics STE10A Datasheet HTML 27Page - STMicroelectronics STE10A Datasheet HTML 28Page - STMicroelectronics STE10A Datasheet HTML 29Page - STMicroelectronics STE10A Datasheet HTML 30Page - STMicroelectronics STE10A Datasheet HTML 31Page - STMicroelectronics STE10A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Functional description
STE10/100A
28/82
3.8
Wake on LAN function
The STE10/100A can assert a signal to wake up the system when it has received a Magic
Packet from the network. The wake on LAN operation is described as follow.
The Magic Packet format
Valid destination address that can pass the address filter of the STE10/100A
Payload of the frame including at least 6 contiguous ‘FF’ followed immediately by
16 repetitions of IEEE address
The frame can contain multiple ‘six FF + sixteen IEEE address’ pattern
Valid CRC
The wake on LAN operation
The wake on LAN enable function is controlled by WOL (bit 18 of CSR18), which is loaded
from EEPROM after reset or programmed by driver software. If WOL is set and the
STE10/100A receives a Magic Packet, it will assert the PME# signal (active low) to indicate
reception of a wake up frame and will set the PME status bit (bit 15 of CSR20).
3.9
ACPI power management function
The STE10/100A has a built-in capability for power management (PM) which is controlled by
the host system.
The STE10/100A will provide:
Compatibility with device class power management reference specification
Network device class, draft proposal v0.9, october 1996
Compatibility with ACPI, Rev 1.0, december 22, 1996
Compatibility with PCI bus power management interface specification, Rev 1.0,
january 6, 1997
Compatibility with AMD Magic Packet™ Technology.
3.9.1
Power states
DO (Fully on)
In this state the STE10/100A operates with full functionality and consumes normal power.
While in the D0 state, if the PCI clock is lower than 16MHz, the STE10/100A may not
receive or transmit frames properly.
D1, D2, and D3hot
In these states, the STE10/100A doesn’t respond to any accesses except configuration
space and full function context in place. The only network operation the STE10/100A can
initiate is a wake-up event.
D3cold (Power removed)
In this state all function context is lost. When power is restored, a PCI reset must be
asserted and the function will return to D0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com