Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 14 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 10Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 11Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 12Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 13Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 14Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 15Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 16Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 17Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
3 Signal Descriptions
NAND04GA3C2A, NAND04GW3C2A
14/51
3.7
Write Protect (WP)
The Write Protect pin is an input that gives a hardware protection against unwanted program
or erase operations. When Write Protect is Low, VIL, the device does not accept any
program or erase operations.
It is recommended to keep the Write Protect pin Low, VIL, during power-up and power-down.
3.8
Ready/Busy (RB)
The Ready/Busy output, RB, is an open-drain output that can be used to identify if the P/E/R
Controller is currently active.
When Ready/Busy is Low, VOL, a read, program or erase operation is in progress. When the
operation completes Ready/Busy goes High, VOH.
The use of an open-drain output allows the Ready/Busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.
Refer to the Section 12.1: Ready/busy signal electrical characteristics for details on how to
calculate the value of the pull-up resistor.
3.9
VDD supply voltage
VDD provides the power supply to the internal core of the memory device. It is the main
power supply for operations (read, program and erase).
3.10
VSS ground
Ground, VSS, is the reference for the power supply. It must be connected to the system
ground.
3.11
VSSQ
VSSQ is the ground reference for the I/O power supply. It must be connected to the system
ground.
3.12
VDDQ
VDDQ provides power to the I/O buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com