Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 46 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 42Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 43Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 44Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 45Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 46Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 47Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 48Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 49Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
12 DC and AC parameters
NAND04GA3C2A, NAND04GW3C2A
46/51
12.1
Ready/busy signal electrical characteristics
Figure 25, Figure 26 and Figure 27 show the electrical characteristics for the Ready/Busy
signal. The value required for the resistor RP can be calculated using the following equation:
So,
where IL is the sum of the input currents of all the devices tied to the Ready/Busy signal. RP
max is determined by the maximum value of tr.
Figure 25.
Ready/Busy AC Waveform
Figure 26.
Ready/Busy Load Circuit
R
P
min
VDDmax VOLmax
–
()
IOL
IL
+
-------------------------------------------------------------
=
R
P
min 1.8V
()
1.85V
3mA
IL
+
---------------------------
=
R
P
min 3V
()
3.2V
8mA
IL
+
---------------------------
=
AI07564B
busy
VOH
ready VDD
VOL
tf
tr
AI07563B
RP
VDD
VSS
RB
DEVICE
Open Drain Output
ibusy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com