Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 27 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 26Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 27Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 28Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 29Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 30Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
6 Device operations
27/51
Table 11.
Electronic Signature Byte 3
I/O
Definition
Value
Description
I/O1-I/O0
Internal Chip number
0 0
0 1
1 0
1 1
1
2
4
8
I/O3-I/O2
Cell Type
0 0
0 1
1 0
1 1
2-level cell
4-level cell
8-level cell
16-level cell
I/O5-I/O4
Number of simultaneously
programmed pages
0 0
0 1
1 0
1 1
1
2
4
8
I/O7-I/O6
Reserved
10
Table 12.
Electronic Signature Byte 4
I/O
Definition
Value
Description
I/O1-I/O0
Page size
(Without Spare Area)
0 0
0 1
1 0
1 1
1 KBytes
2 KBytes
Reserved
Reserved
I/O2
Spare area size
(Byte / 512 Byte)
0
1
8
16
I/O7, I/O3
Minimum sequential
access time
0 0
1 0
0 1
1 1
50ns
30ns
Reserved
Reserved
I/O5-I/O4
Block size
(without Spare Area)
0 0
0 1
1 0
1 1
64 KBytes
128 KBytes
256 KBytes
Reserved
I/O6
Organization
0
1
x8
x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com