Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 24 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 26Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 27Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
6 Device operations
NAND04GA3C2A, NAND04GW3C2A
24/51
Figure 10.
Block Erase Operation
6.9
Reset
The Reset command is used to reset the Command Interface and Status Register. If the
Reset command is issued during any operation, the operation will be aborted. If it was a
program or erase operation that was aborted, the contents of the memory locations being
modified will no longer be valid as the data will be partially programmed or erased.
If the device has already been reset then the new Reset command will not be accepted.
The Ready/Busy signal goes Low for tWHBH1 after the Reset command is issued. The value
of tWHBH1 depends on the operation that the device was performing when the command was
issued, refer to Table 20 for the values.
6.10
Read Status Register
The device contains a Status Register which provides information on the current or previous
Program or Erase operation. The various bits in the Status Register convey information and
errors on the operation.
The Status Register is read by issuing the Read Status Register command. The Status
Register information is present on the output data bus (I/O0-I/O7) on the falling edge of Chip
Enable or Read Enable, whichever occurs last. When several memories are connected in a
system, the use of Chip Enable and Read Enable signals allows the system to poll each
device separately, even when the Ready/Busy pins are common-wired. It is not necessary to
toggle the Chip Enable or Read Enable signals to update the contents of the Status
Register.
After the Read Status Register command has been issued, the device remains in Read
Status Register mode until another command is issued. Therefore if a Read Status Register
command is issued during a Random Read cycle a new Read command must be issued to
continue with a Page Read operation.
Refer to Table 9 where Status Register bits are summarized. It should also be read in
conjunction with the following text descriptions.
6.10.1
Write Protection Bit (SR7)
The Write Protection bit can be used to identify if the device is protected or not. If the Write
Protection bit is set to ‘1’ the device is not protected and program or erase operations are
allowed. If the Write Protection bit is set to ‘0’ the device is protected and program or erase
operations are not allowed.
I/O
RB
Block Address
Inputs
SR0
ai07593
D0h
70h
60h
Block Erase
Setup Code
Confirm
Code
Read Status Register
Busy
tBLBH3
(Erase Busy time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com