Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 23 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 26Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
6 Device operations
23/51
Figure 9.
Random Data Input During Sequential Data Input
6.8
Block Erase
Erase operations are done one block at a time. An erase operation sets all of the bits in the
addressed block to ‘1’. All previous data in the block is lost.
An erase operation consists of three steps (refer to Figure 10:
1.
One bus cycle is required to setup the Block Erase command. Only addresses A19 to
A30 are used, the other address inputs are ignored.
2.
Three bus cycles are then required to load the address of the block to be erased. Refer
to Table 7 for the block addresses of each device.
3.
One bus cycle is required to issue the Block Erase confirm command to start the P/E/R
Controller.
The operation is initiated on the rising edge of write Enable, W, after the confirm command
is issued. The P/E/R Controller handles Block Erase and implements the verify process.
During the Block Erase operation, only the Read Status Register and Reset commands will
be accepted, all other commands will be ignored.
Once the program operation has completed the P/E/R Controller bit SR6 is set to ‘1’ and the
Ready/Busy signal goes High. If the operation completed successfully, the Write Status Bit
SR0 is ‘0’, otherwise it is set to ‘1’.
I/O
Address
Inputs
ai08664
Data Intput
80h
Cmd
Code
Address
Inputs
Data Input
85h
5 Add cycles
Main Area
Spare
Area
Col Add 1,2
Row Add 1,2,3
Cmd
Code
2 Add cycles
Main Area
Spare
Area
Col Add 1,2
RB
Busy
tBLBH2
(Program Busy time)
SR0
10h
70h
Confirm
Code
Read Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com