Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 41 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 37Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 38Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 39Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 40Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 41Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 42Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 43Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 44Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
12 DC and AC parameters
41/51
Figure 17.
Read Status Register AC Waveform
Figure 18.
Read Electronic Signature AC Waveform
1.
Refer to Table 10 for the values of the Manufacturer and Device Codes, and to Table 11 and Table 12 for the information
contained in Byte3 and Byte 4.
tELWH
tDVWH
Status Register
Output
70h
CL
E
W
R
I/O
tCLHWH
tWHDX
tWLWH
tWHCLL
tCLLRL
tDZRL
tRLQV
tEHQZ
tRHQZ
tWHRL
tELQV
tWHEH
ai12708
(Data Setup time)
(Data Hold time)
90h
00h
Man.
code
Device
code
CL
E
W
AL
R
I/O
tRLQV
Read Electronic
Signature
Command
1st Cycle
Address
ai08667b
(Read ES Access time)
tALLRL1
Byte4
Byte3
Byte1
Byte2
see Note.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com