Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND04GA3C2AN1F Datasheet(PDF) 25 Page - STMicroelectronics

Part # NAND04GA3C2AN1F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN1F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button NAND04GA3C2AN1F Datasheet HTML 21Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 22Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 23Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 24Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 25Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 26Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 27Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 28Page - STMicroelectronics NAND04GA3C2AN1F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
6 Device operations
25/51
6.10.2
P/E/R Controller and Cache Ready/Busy Bit (SR6)
Status Register bit SR6 has two different functions depending on the current operation.
During Cache Read operations SR6 acts as a Cache Ready/Busy bit, which indicates
whether the Cache Register is ready to accept new data. When SR6 is set to '0', the Cache
Register is busy and when SR6 is set to '1', the Cache Register is ready to accept new data.
During all other operations SR6 acts as a P/E/R Controller bit, which indicates whether the
P/E/R Controller is active or inactive. When the P/E/R Controller bit is set to ‘0’, the P/E/R
Controller is active (device is busy); when the bit is set to ‘1’, the P/E/R Controller is inactive
(device is ready).
6.10.3
P/E/R Controller Bit (SR5)
The Program/Erase/Read Controller bit indicates whether the P/E/R Controller is active or
inactive. When the P/E/R Controller bit is set to ‘0’, the P/E/R Controller is active; when the
bit is set to ‘1’, the P/E/R Controller is inactive.
6.10.4
Error Bit (SR0)
The Error bit is used to identify if any errors have been detected by the P/E/R Controller. The
Error Bit is set to ’1’ when a program or erase operation has failed to write the correct data to
the memory. If the Error Bit is set to ‘0’ the operation has completed successfully.
6.10.5
SR4, SR3, SR2 and SR1 are Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com