Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF6401B Datasheet(PDF) 33 Page - Microchip Technology

Part # SST39VF6401B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6401B Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST39VF6401B Datasheet HTML 29Page - Microchip Technology SST39VF6401B Datasheet HTML 30Page - Microchip Technology SST39VF6401B Datasheet HTML 31Page - Microchip Technology SST39VF6401B Datasheet HTML 32Page - Microchip Technology SST39VF6401B Datasheet HTML 33Page - Microchip Technology SST39VF6401B Datasheet HTML 34Page - Microchip Technology SST39VF6401B Datasheet HTML 35Page - Microchip Technology SST39VF6401B Datasheet HTML 36Page - Microchip Technology SST39VF6401B Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
©2015-2018
DS20005008C
33
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
Product Ordering Information
Valid Combinations for SST39VF6401B
SST39VF6401B-70-4C-EKE
SST39VF6401B-70-4C-B1KE
SST39VF6401B-70-4I-EKE
SST39VF6401B-70-4I-B1KE
Valid Combinations for SST39VF6402B
SST39VF6402B-70-4C-EKE
SST39VF6402B-70-4C-B1KE
SST39VF6402B-70-4I-EKE
SST39VF6402B-70-4I-B1KE
Note:Valid combinations are those products in mass production or will be in mass production. Consult your
Microchip sales representative to confirm availability of valid combinations and to determine availability of
new combinations.
SST 39
VF
6401B
- 70
- 4I
- QAE
XX XXXXXXX- XX -XX - XXX
Environmental Attribute
E1 = non-Pb
Package Modifier
K = 48 balls or leads
Package Type
E = TSOP (type1, die up, 12mm x 20mm)
B1 = TFBGA (8mm x 10mm, 0.8mm pitch)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
70 = 70 ns
Hardware Block Protection
1 = Bottom Boot-Block
2 = Top Boot-Block
Device Density
640 = 64 Mbit
Voltage
V = 2.7-3.6V
Product Series
39 = Multi-Purpose Flash Plus
1. Environmental suffix “E” denotes non-Pb solder.
non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com