Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF6401B Datasheet(PDF) 14 Page - Microchip Technology

Part # SST39VF6401B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6401B Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST39VF6401B Datasheet HTML 10Page - Microchip Technology SST39VF6401B Datasheet HTML 11Page - Microchip Technology SST39VF6401B Datasheet HTML 12Page - Microchip Technology SST39VF6401B Datasheet HTML 13Page - Microchip Technology SST39VF6401B Datasheet HTML 14Page - Microchip Technology SST39VF6401B Datasheet HTML 15Page - Microchip Technology SST39VF6401B Datasheet HTML 16Page - Microchip Technology SST39VF6401B Datasheet HTML 17Page - Microchip Technology SST39VF6401B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
©2015-2018
DS20005008C
14
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
7. The device does not remain in Software Product ID Mode if powered down.
8. With AMS-A1 =0; Manufacturer ID = 00BFH, is read with A0 = 0,
SST39VF6401B Device ID = 236DH, is read with A0 = 1,
SST39VF6402B Device ID = 236CH, is read with A0 = 1.
AMS = Most significant address
AMS = A21 for SST39VF640xB
9. Both Software ID Exit operations are equivalent
10. If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1)
using the Sec ID mode again (the programmed “0” bits cannot be reversed to “1”). Valid Word-Addresses for Sec ID are
from 000000H-000007H and 000010H-000017H.
Table 7: CFI Query Identification String1 for SST39VF640xB
1. Refer to CFI publication 100 for more details.
Address
Data
Data
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0002H
Primary OEM command set
14H
0000H
15H
0000H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM extended Table (00H = none exits)
1AH
0000H
T7.0 25008
Table 8: System Interface Information for SST39VF640xB
Address
Data
Data
1BH
0027H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min. (00H = no VPP pin)
1EH
0000H
VPP max. (00H = no VPP pin)
1FH
0003H
Typical time out for Word-Program 2N µs (23 = 8 µs)
20H
0000H
Typical time out for min. size buffer program 2N µs (00H = not supported)
21H
0004H
Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms)
22H
0005H
Typical time out for Chip-Erase 2N ms (25 = 32 ms)
23H
0001H
Maximum time out for Word-Program 2N times typical (21 x 23 = 16 µs)
24H
0000H
Maximum time out for buffer program 2N times typical
25H
0001H
Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms)
26H
0001H
Maximum time out for Chip-Erase 2N times typical (21 x 25 = 64 ms)
T8.0 25008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com