Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF6401B Datasheet(PDF) 8 Page - Microchip Technology

Part # SST39VF6401B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6401B Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST39VF6401B Datasheet HTML 4Page - Microchip Technology SST39VF6401B Datasheet HTML 5Page - Microchip Technology SST39VF6401B Datasheet HTML 6Page - Microchip Technology SST39VF6401B Datasheet HTML 7Page - Microchip Technology SST39VF6401B Datasheet HTML 8Page - Microchip Technology SST39VF6401B Datasheet HTML 9Page - Microchip Technology SST39VF6401B Datasheet HTML 10Page - Microchip Technology SST39VF6401B Datasheet HTML 11Page - Microchip Technology SST39VF6401B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
©2015-2018
DS20005008C
8
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
Data# Polling (DQ7)
When the SST39VF640xB are in the internal Program operation, any attempt to read DQ7 will produce
the complement of the true data. Once the Program operation is completed, DQ7 will produce true
data. Note that even though DQ7 may have valid data immediately following the completion of an internal Write
operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subse-
quent successive Read cycles after an interval of 1 µs. During internal Erase operation, any attempt to read
DQ7 will produce a ‘0’. Once the internal Erase operation is completed, DQ7 will produce a ‘1’. The
Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For
Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#)
pulse. See Figure 7 for Data# Polling timing diagram and Figure 21 for a flowchart.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating “1”s and “0”s, i.e., toggling between 1 and 0. When the internal Program or Erase operation
is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. For Sector-
, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#) pulse.
DQ6 will be set to “1” if a Read operation is attempted on an Erase-Suspended Sector/Block. If Pro-
gram operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check
whether a particular sector is being actively erased or erase-suspended. Table 2 shows detailed status
bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or CE#) pulse of
Write operation. See Figure 8 for Toggle Bit timing diagram and Figure 21 for a flowchart.
Note: DQ7 and DQ2 require a valid address when reading status information.
Table 2: Write Operation Status
Status
DQ7
DQ6
DQ2
Normal Operation
Standard Program
DQ7#
Toggle
No Toggle
Standard Erase
0
Toggle
Toggle
Erase-Suspend
Mode
Read from Erase-Suspended Sector/Block
1
1
Toggle
Read from Non- Erase-Suspended Sector/Block
Data
Data
Data
Program
DQ7#
Toggle
N/A
T2.0 25008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com