Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF6401B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST39VF6401B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6401B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST39VF6401B Datasheet HTML 13Page - Microchip Technology SST39VF6401B Datasheet HTML 14Page - Microchip Technology SST39VF6401B Datasheet HTML 15Page - Microchip Technology SST39VF6401B Datasheet HTML 16Page - Microchip Technology SST39VF6401B Datasheet HTML 17Page - Microchip Technology SST39VF6401B Datasheet HTML 18Page - Microchip Technology SST39VF6401B Datasheet HTML 19Page - Microchip Technology SST39VF6401B Datasheet HTML 20Page - Microchip Technology SST39VF6401B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
©2015-2018
DS20005008C
17
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
Table 12: DC Operating Characteristics VDD = 2.7-3.6V1
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT2, at f=5
MHz, VDD=VDD Max
Read3
18
mA
CE#=VIL, OE#=WE#=VIH, all I/Os open
Program and Erase
35
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
20
µA
CE#=VIHC, VDD=VDD Max
IALP
Auto Low Power
20
µA
CE#=VILC, VDD=VDD Max
All inputs=VSS or VDD, WE#=VIHC
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILIW
Input Leakage Current
on WP# pin and RST#
10
µA
WP#=GND to VDD or RST#=GND to
VDD
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VILC
Input Low Voltage (CMOS)
0.3
V
VDD=VDD Max
VIH
Input High Voltage
0.7VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
T12.0 25008
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C
(room temperature), and VDD = 3V. Not 100% tested.
2. See Figure 18
3. The IDD current listed is typically less than 2mA/MHz, with OE# at VIH. Typical VDD is 3V.
Table 13: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T13.0 25008
Table 14: Capacitance (TA = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T14.0 25008
Table 15: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating
would result in a higher minimum specification.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T15.0 25008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com