Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF6401B Datasheet(PDF) 34 Page - Microchip Technology

Part # SST39VF6401B
Description  64 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF6401B Datasheet(HTML) 34 Page - Microchip Technology

Back Button SST39VF6401B Datasheet HTML 30Page - Microchip Technology SST39VF6401B Datasheet HTML 31Page - Microchip Technology SST39VF6401B Datasheet HTML 32Page - Microchip Technology SST39VF6401B Datasheet HTML 33Page - Microchip Technology SST39VF6401B Datasheet HTML 34Page - Microchip Technology SST39VF6401B Datasheet HTML 35Page - Microchip Technology SST39VF6401B Datasheet HTML 36Page - Microchip Technology SST39VF6401B Datasheet HTML 37Page - Microchip Technology SST39VF6401B Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
©2015-2018
DS20005008C
34
64 Mbit Multi-Purpose Flash Plus
SST39VF6401B / SST39VF6402B
Not Recommended for New Designs
Packaging Diagrams
Figure 25:48-lead Thin Small Outline Package (TSOP) 12mm x 20mm
Package Code: EK
1.05
0.95
0.70
0.50
18.50
18.30
20.20
19.80
0.70
0.50
12.20
11.80
0.27
0.17
0.15
0.05
48-tsop-EK-8
Note: 1. Complies with JEDEC publication 95 MO-142 DD dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
1.20
max.
1mm
0˚- 5˚
DETAIL
Pin # 1 Identifier
0.50
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com