Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32G431X8 Datasheet HTML 53Page - STMicroelectronics STM32G431X8 Datasheet HTML 54Page - STMicroelectronics STM32G431X8 Datasheet HTML 55Page - STMicroelectronics STM32G431X8 Datasheet HTML 56Page - STMicroelectronics STM32G431X8 Datasheet HTML 57Page - STMicroelectronics STM32G431X8 Datasheet HTML 58Page - STMicroelectronics STM32G431X8 Datasheet HTML 59Page - STMicroelectronics STM32G431X8 Datasheet HTML 60Page - STMicroelectronics STM32G431X8 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 198 page
background image
DS12589 Rev 6
57/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
22
22
34
34 B1
46
B8
60
73
PA12
I/O
FT_u
-
TIM16_CH1,
I2SCKIN,
TIM1_CH2N,
USART1_RTS_DE,
COMP2_OUT,
FDCAN1_TX,
TIM4_CH2,
TIM1_ETR,
EVENTOUT
USB_DP
--
-
35
-
47
B7
61
74
VSS
S
-
-
-
-
-
-
35
36
-
48
A8
62
75
VDD
S
-
-
-
-
23
23
36
37 B2
49
C7
63
76
PA13
I/O
FT_f
(5)
SWDIO-JTMS,
TIM16_CH1N,
I2C1_SCL,
IR_OUT,
USART3_CTS,
TIM4_CH3,
SAI1_SD_B,
EVENTOUT
-
24
24
37
38 B3
50
C6
64
77
PA14
I/O
FT_f
(5)
SWCLK-JTCK,
LPTIM1_OUT,
I2C1_SDA,
TIM8_CH2,
TIM1_BKIN,
USART2_TX,
SAI1_FS_B,
EVENTOUT
-
25
25
38
39 A1
51
A7
65
78
PA15
I/O
FT_f
(5)
JTDI,
TIM2_CH1, TIM8_CH1,
I2C1_SCL, SPI1_NSS,
SPI3_NSS/
I2S3_WS, USART2_RX,
UART4_RTS_DE,
TIM1_BKIN, TIM2_ETR,
EVENTOUT
-
-
-
39
-
-
52
C5
66
79
PC10
I/O
FT
-
TIM8_CH1N,
UART4_TX,
SPI3_SCK/
I2S3_CK,
USART3_TX,
EVENTOUT
-
--
40
-
A2
53
B6
67
80
PC11
I/O
FT_f
-
TIM8_CH2N,
UART4_RX,
SPI3_MISO,
USART3_RX,
I2C3_SDA, EVENTOUT
-
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com