Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32G431X8 Datasheet HTML 14Page - STMicroelectronics STM32G431X8 Datasheet HTML 15Page - STMicroelectronics STM32G431X8 Datasheet HTML 16Page - STMicroelectronics STM32G431X8 Datasheet HTML 17Page - STMicroelectronics STM32G431X8 Datasheet HTML 18Page - STMicroelectronics STM32G431X8 Datasheet HTML 19Page - STMicroelectronics STM32G431X8 Datasheet HTML 20Page - STMicroelectronics STM32G431X8 Datasheet HTML 21Page - STMicroelectronics STM32G431X8 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
18/198
DS12589 Rev 6
• Readout protection (RDP) to protect the whole memory. Three levels of protection are
available:
– Level 0: no readout protection
– Level 1: memory readout protection; the Flash memory cannot be read from or written
to if either the debug features are connected or the boot in RAM or bootloader are
selected
– Level 2: chip readout protection; the debug features (Cortex-M4 JTAG and serial
wire), the boot in RAM and the bootloader selection are disabled (JTAG fuse). This
selection is irreversible.
•
Write protection (WRP): the protected area is protected against erasing and
programming.
•
Proprietary code readout protection (PCROP): a part of the Flash memory can be
protected against read and write from third parties. The protected area is execute-only
and it can only be reached by the STM32 CPU as an instruction code, while all other
accesses (DMA, debug and CPU data read, write and erase) are strictly prohibited. An
additional option bit (PCROP_RDP) allows to select if the PCROP area is erased or not
when the RDP protection is changed from Level 1 to Level 0.
•
Securable memory area: a part of Flash memory can be configured by option bytes to
be securable. After reset this securable memory area is not secured and it behaves like
the remainder of main Flash memory (execute, read, write access). When secured, any
access to this securable memory area generates corresponding read/write error.
Purpose of the Securable memory area is to protect sensitive code and data (secure
keys storage) which can be executed only once at boot, and never again unless a new
reset occurs.
The Flash memory embeds the error correction code (ECC) feature supporting:
•
Single error detection and correction
•
Double error detection
•
The address of the ECC fail can be read in the ECC register
•
1 Kbyte (128 double word) OTP (one-time programmable) for user data. The OTP area
is available in Bank 1 only. The OTP data cannot be erased and can be written only
once.
3.5
Embedded SRAM
STM32G431x6/x8/xB devices feature 32 Kbytes of embedded SRAM. This SRAM is split
into three blocks:
•
16 Kbytes mapped at address 0x2000 0000 (SRAM1). The CM4 can access the
SRAM1 through the System Bus (or through the I-Code/D-Code buses when boot from
SRAM1 is selected or when physical remap is selected by SYSCFG_MEMRMP
register). Whole SRAM1 supports hardware parity check.
•
6 Kbytes mapped at address 0x2000 4000 (SRAM2). The CM4 can access the SRAM2
through the System bus. SRAM2 can be kept in stop and standby modes.
•
10 Kbytes mapped at address 0x1000 0000 (CCM SRAM). It is accessed by the CPU
through I-Code/D-Code bus for maximum performance.
It is also aliased at 0x2000 5800 address to be accessed by all masters (CPU, DMA1,
DMA2) through SBUS contiguously to SRAM1 and SRAM2. The CCM SRAM supports
hardware parity check and can be write-protected with 1-Kbyte granularity.
•
The memory can be accessed in read/write at max CPU clock speed with 0 wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com