Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32G431X8 Datasheet HTML 29Page - STMicroelectronics STM32G431X8 Datasheet HTML 30Page - STMicroelectronics STM32G431X8 Datasheet HTML 31Page - STMicroelectronics STM32G431X8 Datasheet HTML 32Page - STMicroelectronics STM32G431X8 Datasheet HTML 33Page - STMicroelectronics STM32G431X8 Datasheet HTML 34Page - STMicroelectronics STM32G431X8 Datasheet HTML 35Page - STMicroelectronics STM32G431X8 Datasheet HTML 36Page - STMicroelectronics STM32G431X8 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 198 page
background image
DS12589 Rev 6
33/198
STM32G431x6 STM32G431x8 STM32G431xB
Functional overview
43
3.24.1
Advanced motor control timer (TIM1, TIM8)
The advanced motor control timers can each be seen as a four-phase
PWM multiplexed on 8 channels. They have complementary PWM outputs with
programmable inserted dead-times. They can also be seen as complete general-purpose
timers.
The 4 independent channels can be used for:
•
Input capture
•
Output compare
•
PWM generation (edge or center-aligned modes) with full modulation capability
(0-100%)
•
One-pulse mode output
In debug mode, the advanced motor control timer counter can be frozen and the PWM
outputs disabled in order to turn off any power switches driven by these outputs.
Many features are shared with the general-purpose TIMx timers (described in
Section 3.24.2) using the same architecture, so the advanced motor control timers can work
together with the TIMx timers via the Timer Link feature for synchronization or event
chaining.
General-
purpose
TIM15
16-bit
Up
Any integer
between 1 and
65536
Yes
2
1
General-
purpose
TIM16, TIM17
16-bit
Up
Any integer
between 1 and
65536
Yes
1
1
Basic
TIM6, TIM7
16-bit
Up
Any integer
between 1 and
65536
Yes
0
No
Table 7. Timer feature comparison (continued)
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com