Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32G431X8 Datasheet HTML 25Page - STMicroelectronics STM32G431X8 Datasheet HTML 26Page - STMicroelectronics STM32G431X8 Datasheet HTML 27Page - STMicroelectronics STM32G431X8 Datasheet HTML 28Page - STMicroelectronics STM32G431X8 Datasheet HTML 29Page - STMicroelectronics STM32G431X8 Datasheet HTML 30Page - STMicroelectronics STM32G431X8 Datasheet HTML 31Page - STMicroelectronics STM32G431X8 Datasheet HTML 32Page - STMicroelectronics STM32G431X8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 198 page
background image
DS12589 Rev 6
29/198
STM32G431x6 STM32G431x8 STM32G431xB
Functional overview
43
3.18
Analog-to-digital converter (ADC)
The device embeds two successive approximation analog-to-digital converters with the
following features:
•
12-bit native resolution, with built-in calibration
•
4 Msps maximum conversion rate with full resolution
–
Down to 41.67 ns sampling time
–
Increased conversion rate for lower resolution (up to 6.66 Msps for 6-bit
resolution)
•
One external reference pin is available on all packages, allowing the input voltage
range to be independent from the power supply
•
Single-ended and differential mode inputs
•
Low-power design
–
Capable of low-current operation at low conversion rate (consumption decreases
linearly with speed)
–
Dual clock domain architecture: ADC speed independent from CPU frequency
•
Highly versatile digital interface
–
Single-shot or continuous/discontinuous sequencer-based scan mode: 2 groups
of analog signals conversions can be programmed to differentiate background and
high-priority real-time conversions
–
Each ADC support multiple trigger inputs for synchronization with on-chip timers
and external signals
–
Results stored into a data register or in RAM with DMA controller support
–
Data pre-processing: left/right alignment and per channel offset compensation
–
Built-in oversampling unit for enhanced SNR
–
Channel-wise programmable sampling time
–
Analog watchdog for automatic voltage monitoring, generating interrupts and
trigger for selected timers
–
Hardware assistant to prepare the context of the injected channels to allow fast
context switching
–
Flexible sample time control
–
Hardware gain and offset compensation
3.18.1
Temperature sensor
The temperature sensor (TS) generates a voltage VTS that varies linearly with temperature.
The temperature sensor is internally connected to the ADC1_IN16 input channel which is
used to convert the sensor output voltage into a digital value.
The sensor provides good linearity but it has to be calibrated to obtain good overall
accuracy of the temperature measurement. As the offset of the temperature sensor varies
from chip to chip due to process variation, the uncalibrated internal temperature sensor is
suitable for applications that detect temperature changes only.
To improve the accuracy of the temperature sensor measurement, each device is
individually factory-calibrated by ST. The temperature sensor factory calibration data are
stored by ST in the system memory area, accessible in read-only mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com