Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32G431X8 Datasheet HTML 1Page - STMicroelectronics STM32G431X8 Datasheet HTML 2Page - STMicroelectronics STM32G431X8 Datasheet HTML 3Page - STMicroelectronics STM32G431X8 Datasheet HTML 4Page - STMicroelectronics STM32G431X8 Datasheet HTML 5Page - STMicroelectronics STM32G431X8 Datasheet HTML 6Page - STMicroelectronics STM32G431X8 Datasheet HTML 7Page - STMicroelectronics STM32G431X8 Datasheet HTML 8Page - STMicroelectronics STM32G431X8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 198 page
background image
This is information on a product in full production.
October 2021
DS12589 Rev 6
1/198
STM32G431x6 STM32G431x8
STM32G431xB
Arm® Cortex®-M4 32-bit MCU+FPU, 170 MHz /213 DMIPS,
up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
Datasheet
- production data
Features
Includes ST state-of-the-art patented
technology
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator) allowing 0-wait-state execution
from Flash memory, frequency up to 170 MHz
with 213 DMIPS, MPU, DSP instructions
• Operating conditions:
–VDD, VDDA voltage range:
1.71 V to 3.6 V
• Mathematical hardware accelerators
– CORDIC for trigonometric functions
acceleration
– FMAC: filter mathematical accelerator
• Memories
– 128 Kbytes of Flash memory with ECC
support, proprietary code readout
protection (PCROP), securable memory
area, 1 Kbyte OTP
– 22 Kbytes of SRAM, with hardware parity
check implemented on the first 16 Kbytes
– Routine booster: 10 Kbytes of SRAM on
instruction and data bus, with hardware
parity check (CCM SRAM)
• Reset and supply management
– Power-on/power-down reset
(POR/PDR/BOR)
– Programmable voltage detector (PVD)
– Low-power modes: sleep, stop, standby
and shutdown
–VBAT supply for RTC and backup registers
• Clock management
–4 to 48 MHz crystal oscillator
– 32 kHz oscillator with calibration
– Internal 16 MHz RC with PLL option (± 1%)
– Internal 32 kHz RC oscillator (± 5%)
• Up to 86 fast I/Os
– All mappable on external interrupt vectors
– Several I/Os with 5 V tolerant capability
• Interconnect matrix
• 12-channel DMA controller
• 2 x ADCs 0.25 µs (up to 23 channels).
Resolution up to 16-bit with hardware
oversampling, 0 to 3.6 V conversion range
• 4 x 12-bit DAC channels
– 2 x buffered external channels 1 MSPS
– 2 x unbuffered internal channels 15 MSPS
• 4 x ultra-fast rail-to-rail analog comparators
• 3 x operational amplifiers that can be used in
PGA mode, all terminals accessible
• Internal voltage reference buffer (VREFBUF)
supporting three output voltages (2.048 V,
2.5 V, 2.9 V)
• 14 timers:
– 1 x 32-bit timer and 2 x 16-bit timers with up
to four IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– 2 x 16-bit 8-channel advanced motor
control timers, with up to 8 x PWM
channels, dead time generation and
emergency stop
LQFP48 (7 x 7 mm)
LQFP64 (10 x 10 mm)
LQFP80 (12 x 12 mm)
LQFP32 (7 x 7 mm)
UFBGA64
(5 x 5 mm)
UFQFPN32 (5 x 5 mm)
UFQFPN48 (7 x 7 mm)
WLCSP49
(Pitch 0.4)
FBGA
LQFP100 (14 x 14 mm)
www.st.com


Similar Part No. - STM32G431X8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G431X8 STMICROELECTRONICS-STM32G431X8 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
10-May-2019
More results

Similar Description - STM32G431X8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
STM32G431C6 STMICROELECTRONICS-STM32G431C6 Datasheet
2Mb / 197P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS, up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
November 2020 Rev 3
STM32G473CB STMICROELECTRONICS-STM32G473CB Datasheet
2Mb / 229P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
October 2020 Rev 3
STM32G474CB STMICROELECTRONICS-STM32G474CB Datasheet
2Mb / 236P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
October 2020 Rev 5
STM32G483CE STMICROELECTRONICS-STM32G483CE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
November 2020 Rev 3
STM32G474XB STMICROELECTRONICS-STM32G474XB Datasheet
2Mb / 236P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
Rev 4
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com