Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32G431X8 Datasheet HTML 18Page - STMicroelectronics STM32G431X8 Datasheet HTML 19Page - STMicroelectronics STM32G431X8 Datasheet HTML 20Page - STMicroelectronics STM32G431X8 Datasheet HTML 21Page - STMicroelectronics STM32G431X8 Datasheet HTML 22Page - STMicroelectronics STM32G431X8 Datasheet HTML 23Page - STMicroelectronics STM32G431X8 Datasheet HTML 24Page - STMicroelectronics STM32G431X8 Datasheet HTML 25Page - STMicroelectronics STM32G431X8 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
22/198
DS12589 Rev 6
•
VREF-, VREF+
VREF+ is the input reference voltage for ADCs and DACs. It is also the output of the
internal voltage reference buffer when enabled.
When VDDA < 2 V VREF+ must be equal to VDDA.
When VDDA ≥ 2 V VREF+ must be between 2 V and VDDA.
The internal voltage reference buffer supports three output voltages, which are
configured with VRS bits in the VREFBUF_CSR register:
–VREF+ = 2.048 V
–VREF+ = 2.5 V
–VREF+ = 2.9 V
VREF- is double bonded with VSSA.
3.11.2
Power supply supervisor
The device has an integrated ultra-low-power brown-out reset (BOR) active in all modes
(except for Shutdown mode). The BOR ensures proper operation of the device after power-
on and during power down. The device remains in reset mode when the monitored supply
voltage VDD is below a specified threshold, without the need for an external reset circuit.
The lowest BOR level is 1.71 V at power on, and other higher thresholds can be selected
through option bytes.The device features an embedded programmable voltage detector
(PVD) that monitors the VDD power supply and compares it to the VPVD threshold. An
interrupt can be generated when VDD drops below the VPVD threshold and/or when VDD is
higher than the VPVD threshold. The interrupt service routine can then generate a warning
message and/or put the MCU into a safe state. The PVD is enabled by software.
In addition, the device embeds a peripheral voltage monitor which compares the
independent supply voltages VDDA, with a fixed threshold in order to ensure that the
peripheral is in its functional supply range.
3.11.3
Voltage regulator
Two embedded linear voltage regulators, main regulator (MR) and low-power regulator
(LPR), supply most of digital circuitry in the device. The MR is used in Run and Sleep
modes. The LPR is used in Low-power run, Low-power sleep and Stop modes. In Standby
and Shutdown modes, both regulators are powered down and their outputs set in high-
impedance state, such as to bring their current consumption close to zero.
The device supports dynamic voltage scaling to optimize its power consumption in Run
mode. the voltage from the main regulator that supplies the logic (VCORE) can be adjusted
according to the system’s maximum operating frequency.
The main regulator (MR) operates in the following ranges:
•
Range 1 boost mode with the CPU running at up to 170 MHz.
•
Range 1 normal mode with CPU running at up to 150 MHz.
•
Range 2 with a maximum CPU frequency of 26 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com