Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X8 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32G431X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X8 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32G431X8 Datasheet HTML 36Page - STMicroelectronics STM32G431X8 Datasheet HTML 37Page - STMicroelectronics STM32G431X8 Datasheet HTML 38Page - STMicroelectronics STM32G431X8 Datasheet HTML 39Page - STMicroelectronics STM32G431X8 Datasheet HTML 40Page - STMicroelectronics STM32G431X8 Datasheet HTML 41Page - STMicroelectronics STM32G431X8 Datasheet HTML 42Page - STMicroelectronics STM32G431X8 Datasheet HTML 43Page - STMicroelectronics STM32G431X8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
40/198
DS12589 Rev 6
3.30
Low-power universal asynchronous receiver transmitter
(LPUART)
The STM32G431x6/x8/xB devices embed one Low-Power UART. The LPUART supports
asynchronous serial communication with minimum power consumption. It supports half-
duplex single-wire communication and modem operations (CTS/RTS). It allows
multiprocessor communication.
The LPUART comes with a Transmit FIFO (TXFIFO) and a Receive FIFO (RXFIFO). FIFO
mode is enabled by software and is disabled by default. It has a clock domain independent
from the CPU clock, and can wakeup the system from Stop mode. The wake up from Stop
mode can be done on:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
•
Some specific TXFIFO/RXFIFO status interrupts when FIFO mode is enabled
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600
baud. Therefore, even in Stop mode, the LPUART can wait for an incoming frame while
having an extremely low energy consumption. Higher speed clock can be used to reach
higher baudrates.
The LPUART interface can be served by the DMA controller.
3.31
Serial peripheral interface (SPI)
Three SPI interfaces allow communication up to 75 Mbits/s in master and up to 41 Mbits/s in
slave, half-duplex, full-duplex and simplex modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits. The SPI interfaces
support NSS pulse mode, TI mode and hardware CRC calculation.
Two standard I2S interfaces (multiplexed with SPI2 and SPI3) supporting four different audio
standards can operate as master or slave at half-duplex communication modes. They can
be configured to transfer 16 and 24 or 32 bits with 16-bit or 32-bit data resolution and
synchronized by a specific signal. Audio sampling frequency from 8 kHz up to 192 kHz can
be set by 8-bit programmable linear prescaler. When operating in master mode it can output
a clock for an external audio component at 256 times the sampling frequency.
All SPI interfaces can be served by the DMA controller.
Tx/Rx FIFO
X
Tx/Rx FIFO size
8
1. X = supported.
Table 9. USART/UART/LPUART features (continued)
USART modes/features(1)
USART1 USART2 USART3
UART4 LPUART1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com