Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
WM9713L
Pre-Production
w
PP Rev 3.0 June 2006
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
MU4
1 (Mute)
Mute OUT4
1: Mute (OFF)
0: No Mute (ON)
14
ZC4
0
OUT4 zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
13:8
OUT4VOL
000000
(0dB)
OUT4 Volume
000000: 0dB (maximum)
000001: -1.5dB
… (1.5dB steps)
011111: -46.5dB
1xxxxx: -46.5dB
7
MU3
1 (Mute)
Mute OUT3
1: Mute (OFF)
0: No Mute (ON)
6
ZC3
0
OUT3 zero cross enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
06h
Speaker
Volume
5:0
OUT3VOL
000000
(0dB)
OUT3 Volume
Similar to OUT4VOL
Table 39 OUT3 / OUT4 PGA Control
THERMAL SENSOR
The speaker and headphone outputs can drive very large currents. To protect the WM9713L from
becoming too hot, a thermal sensor has been built in. If the chip temperature reaches approximately
150
°C, and the TI bit is set, the WM9713L deasserts GPIO bit 11 in register 54h, a virtual GPIO that
can be set up to generate an interrupt to the CPU (see “GPIO and Interrupt Control” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3Ch
13
TSHUT
1
Power down thermal sensor
0: Enabled
1: Disabled
54h
11
TI
0
Thermal sensor (virtual GPIO)
1: Temperature below 150
°C
0: Temperature above 150
°C
See also “GPIO and Interrupt Control” section.
Table 40 Thermal Cutout Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com