Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
WM9713L
Pre-Production
w
PP Rev 3.0 June 2006
98
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
9
POLL
0
Writing “1” initiates a measurement (when CTC is
not set)
8
CTC
0
0=Polling mode; 1=Continuous mode (for DMA)
7
ADCSEL_AUX4
0
Enable COMP1/AUX4 measurement (pin32)
6
ADCSEL_AUX3
0
Enable COMP1/AUX3 measurement (pin31)
5
ADCSEL_AUX2
0
Enable COMP1/AUX2 measurement (pin30)
4
ADCSEL_AUX1
0
Enable COMP1/AUX1 measurement (pin29)
3
ADCSEL_PRES
SURE
0
Enable touchpanel pressure measurement
2
ADCSEL_Y
0
Enable touchpanel Y co-ord measurement
1
ADCSEL_X
0
Enable touchpanel X co-ord measurement
74h
0
COO
0 (OFF)
Enables co-ordinate mode
9:8
CR
00 (93.75Hz)
Controls conversion rate in continuous mode
7:4
DEL
0000 (20.8
µs)
Controls touchpanel settling time
3
SLEN
1
Enables slot readback of touchpanel data
76h
2:0
SLT
110 (slot 11)
Selects time slot for readback of touchpanel data
15:14
PRP
00
Selects mode of operation. 00=OFF, 01=pen detect
with wake-up, 10=pen detect without wake-up,
11=running
13
RPR
0
Selects wake-up mode. 0=AC-Link only, 1=AC-Link
and WM9713L auto-wake-up
12
45W
0 (4-wire)
Selects 4-wire or 5-wire touchpanel
11
PDEN
0 (always)
Selects when touchpanel measurements take place.
0=always, 1=only when pen is down
10
PDPOL
0
PENDOWN polarity: 0=non-inverted; 1=inverted
9
WAIT
0
Controls data readback from register 7Ah.
0=overwrite old data with new, 1=wait until old data
has been read
8
PIL
0 (200
µA)
Controls current used for pressure measurement.
1=400
µA
7:6
MSK
00 (OFF)
Controls MASK feature
78h
5:0
RPU
000001
(64k
Ω)
Controls internal pull-up resistor for pen-down
detection
15
PNDN
0 (pen up)
Indicates pen status.
14:12
ADCSRC
000 (none)
Indicates measurement type
7Ah
read only
11:0
ADCD
000h
Returns data from touchpanel / AUXADC
Touchpanel
Interface
Registers 76h, 78h and 7Ah control the touchpanel interface.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:8
F7:0
57h
ASCII character “W” for Wolfson
7Ch
7:0
S7:0
4Dh
ASCII character “M”
15:8
T7:0
4Ch
ASCII character “L”
7Eh
7:0
REV7:0
13h
Device identifier
Intel’s AC’97
Component
Specification,
Revision 2.2,
page 50
Register 7Ch and 7Eh are read-only registers that indicate to the driver that the codec is a WM9713L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com