Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
53
JACK INSERTION AND AUTO-SWITCHING
In a phone application, a BTL ear speaker may be connected across MONO and HPL, a stereo
headphone on HPL and HPR and stereo speakers on SPKL, SPKR, OUT3 and OUT4 (see Figure
15). Typically, only one of these three output devices is used at any given time: when no headphone
is plugged in, the BTL ear speaker or stereo speakers are active, otherwise the headphone is used.
Figure 15 Typical Output Configuration
The presence of a headphone can be detected using one of GPIO1/6/7/8 (pins 44, 3, 11 & 12) and
an external pull-up resistor (see Figure 41, page 103 for a circuit diagram). When the jack is inserted,
the GPIO is pulled low by a switch on the socket. When the jack is removed the GPIO is pulled high
by a resistor. If the JIEN bit is set, the WM9713L automatically switches between headphone and
any other output configuration, typically ear speaker or stereo speaker that has been set up in the
Powerdown and Output PGA Mux Select registers.
Note:
Please refer to WAN_0182 for further information on jack detect configuration.
In addition to the typical configuration explained above, the WM9713L can also support automatic
switching between the following three configurations set as BTL ear speaker and headphone.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
24h
Output Volume
Mapping (Jack
Insert)
1:0
EARSPKSEL
00
00: Default, no ear speaker
configuration selected.
01: MONO and HPL driver selected as
BTL ear speaker.
10: OUT3 and HPL driver selected as
BTL ear speaker.
11: OUT4 and HPL driver selected as
BTL ear speaker.
Table 41 Ear Speaker Configuration
For example if OUT4 and HPL is selected as the BTL ear speaker, the user should select
EARSPKSEL = 3h, then OUT4 is tri-stated on jack insert to prevent sound across the ear speaker
during headphone operation and HPL volume is set to OUT4 volume on jack out to ensure correct
ear speaker operation. It should be noted that all other outputs except HPL, HPR and selected ear
speaker driver are disabled and internally connected to VREF on jack insert. This maintains VREF at
those outputs and helps prevent pops when the outputs are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com