Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714LGEFL/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:14
R2H
11 (mute)
Controls record mux to headphone mixer
paths.
00=stereo
01=left rec mux only
10=right rec mux only
11=mute left and right
13:11
R2HVOL
010 (0dB)
Controls gain of record mux l/r to headphone
mixer paths
000: +6dB
… (3dB steps)
111: -15dB
10:9
R2M
11 (mute)
Controls record mux to mono mixer path.
00=stereo
01=left rec mux only
10=right rec mux only
11=mute left and right
14h
Record
Routing
8
R2MBST
0 (OFF)
Enables 20dB gain boost for record mux to
mono mixer path
Table 28 Record PGA Routing Control
To listen to the MONOIN signal, the signal passes through a separate PGA, controlled by register
08h. The signal can be routed into the headphone mixer (for normal phone call operation) and/or the
speaker mixer (for speakerphone operation), but not into the mono mixer (to prevent forming a
feedback loop). When the signal is not selected as an input to any of the mixers the output of the
PGA is muted automatically.
When not in use the MONOIN PGA can be powered down using the Powerdown register bit MOIN
(register 3Eh, bit 4).
MONOIN is biased internally to the reference voltage VREF. Whenever the input is muted or the
device placed into standby mode, the input remains biased to VREF using special anti-thump
circuitry to suppress any audible clicks when changing inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
M2H
1
Mute MONIN path to headphone mixer
1: Mute, 0: No mute (ON)
14
M2S
1
Mute MONOIN path to speaker mixer
1: Mute, 0: No mute (ON)
08h
MONOIN
PGA Vol /
Routing
12:8
MONOIN
VOL
01000
(0dB)
MONOIN input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
Table 29 Mono PGA Control
PCBEEP INPUT
Pin 19 (PCBEEP) is a mono, line level input intended for externally generated signal or warning
tones. It is routed directly to the record selector and all three output mixers, without an input
amplifier. The signal gain into each mixer can be independently controlled, with a separate mute bit
for each signal path.
PCBEEP is biased internally to the reference voltage VREF. When the signal is not selected as an
input to any of the mixers the input remains biased to VREF using special anti-thump circuitry to
suppress any audible clicks when changing inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com