Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714LGEFL/V Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
WM9714L
Pre-Production
w
PP Rev 3.0 June 2006
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
RMU
1 (mute)
Mutes audio ADC input
14
GRL
0 (standard)
Selects gain range for PGA of left ADC.
0=0...+22.5dB in 1.5dB steps, 1=-17.25...+30dB in
0.75dB steps
13:8
RECVOLL
000000 (0dB)
Controls left ADC recording volume
7
ZC
0 (OFF)
Enables zero-cross detector
6
GRR
0 (standard)
Selects gain range for PGA of right ADC.
0=0...+22.5dB in 1.5dB steps, 1=-17.25...+30dB in
0.75dB steps
12h
5:0
RECVOLR
000000 (0dB)
Controls right ADC recording volume
Audio ADC,
Record Gain
Register 12h controls the record volume.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:14
R2H
11 (mute)
Controls record mux to headphone mixer paths.
00=stereo, 01=left ADC only, 10=right ADC only,
11=mute left and right
13:11
R2HVOL
010 (0dB)
Controls gain of record mux l/r to headphone
mixer paths
10:9
R2M
11 (mute)
Controls record mux to mono mixer path.
00=stereo, 01=left rec mux only, 10=right rec mux
only, 11=mute left and right
8
R2MBST
0 (OFF)
Enables 20dB gain boost for record mux to mono
mixer path
6
RECBST
0 (OFF)
Enables 20dB gain boost for ADC record path
5:3
RECSL
000 (mic)
Selects left record mux signal source: 000=MICA,
001=MICB, 010=LINEL, 011=MONOIN,
100=HPMIXL, 101=SPKMIC, 110=MONOMIX,
111=Reserved (Do not use)
14h
2:0
RECSR
000 (mic)
Selects right record mux signal source:
000=MICA, 001=MICB, 010=LINER,
011=MONOIN, 100=HPMIXR, 101=SPKMIC,
110=MONOMIX, 111=Reserved (Do not use)
Audio ADC,
Record
Selector
Register 14h controls the.record selector and the ADC to mono mixer path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
B2H
1 (mute)
Mutes PCBEEP to headphone mixer paths
14:12
B2HVOL
010 (0dB)
Controls gain of PCBEEP to headphone mixer
paths
11
B2S
1 (mute)
Mutes PCBEEP to speaker mixer path
10:8
B2SVOL
010 (0dB)
Controls gain of PCBEEP to speaker mixer path
7
B2M
1 (mute)
Mutes PCBEEP to mono mixer path
16h
6:4
B2MVOL
010 (0dB)
Controls gain of PCBEEP to mono mixer path
Analogue
Inputs,
PCBEEP Input
Register 16h controls the analogue input pin PCBEEP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com