Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714LGEFL/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:14
ID
00
Indicates that the WM9714L is configured as the
primary codec in the system.
11:10
REV
01
Indicates that the WM9714L conforms to AC’97
Rev2.2
9
AMAP
0
Indicates that the WM9714L does not support slot
mapping
8
LDAC
0
Indicates that the WM9714L does not have an
LFE DAC
7
SDAC
0
Indicates that the WM9714L does not have
Surround DACs
6
CDAC
0
Indicates that the WM9714L does not have a
Centre DAC
3
VRM
0
Indicates that the WM9714L does not have a
dedicated, variable rate microphone ADC
2
SPDIF
1
Indicates that the WM9714L supports SPDIF
output
1
DRA
0
Indicates that the WM9714L does not support
double rate audio
28h
0
VRA
1
Indicates that the WM9714L supports variable rate
audio
Intel’s AC’97
Component
Specification,
Revision 2.2,
page 59
Register 28h is a read-only register that indicates to the driver which advanced AC’97 features the WM9714L supports.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
10
SPCV
1 (valid)
SPDIF validity bit (read-only)
5:4
SPSA
01 (slots 6, 9)
Controls SPDIF slot assignment. 00=slots 3 and 4,
01=6/9, 10=7/8, 11=10/11
2
SEN
0 (OFF)
Enables SPDIF output enable
2Ah
0
VRA
0 (OFF)
Enables variable rate audio
Digital Audio
(SPDIF)
Output
Register 2Ah controls the SPDIF output and variable rate audio.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2Ch
all
DACSR
BB80h
Controls stereo DAC sample rate
2Eh
all
AUXDACSR
BB80h
Controls auxiliary DAC sample rate
32h
all
ADCSR
BB80h
Controls audio ADC sample rate
Variable Rate
Audio /
Sample Rate
Conversion
Note: The VRA bit in register 2Ah must be set first to obtain sample rates other than 48kHz
Registers 2Ch, 2Eh 32h and control the sample rates for the stereo DAC, auxiliary DAC and audio ADC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com