Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714LGEFL/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
55
In a polling routine, the CPU starts each measurement individually by writing to the POLL bit (register
74h, bit 9). This bit automatically resets itself when the measurement is completed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
POLL
0
Writing “1” initiates a measurement.
(when CTC is not set)
74h
8
CTC
0
0: Polling mode
1: Continuous mode (for DMA)
76h
9:8
CR
00
Continuous mode rate (DEL C 1111)
00: 93.75 Hz (every 512 AC-Link frames)
01: 120 Hz (every 400 AC-Link frames)
10: 153.75 Hz (every 312 AC-Link frames)
11: 187.5Hz (every 256 AC-Link frames)
Continuous mode “fast rate” (DEL = 1111)
00: 8 kHz (every six AC-Link frames)
01: 12 kHz (every four AC-Link frames)
10: 24 kHz (every other AC-Link frame)
11: 48 kHz (every AC-Link frame)
Table 47 AUX ADC Control (Initiation of Measurements)
In continuous mode (CTC = 1), the WM9714L autonomously initiates measurements (or sets of
measurements) at the rate set by CR, and supplies the measured data to the CPU on one of the
unused AC’97 time slots. DMA-enabled CPUs can write the data directly into a FIFO without any
intervention by the CPU core. This reduces CPU loading and speeds up the execution of user
programs in handheld systems.
Note that the measurement frequency in continuous mode is also affected by the DEL bits. The
faster rates achieved when DEL = 1111 may be useful when the ADC is used for multiple
measurements.
MEASUREMENT TYPES
The ADCSEL control bits determine which type of measurement is performed (see below).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
POLL
0
Writing “1” initiates a measurement.
(when CTC is not set)
8
CTC
0
0: Polling mode
1: Continuous mode (for DMA)
7
ADCSEL_AUX4
0
Enable COMP1/AUX4 measurement
(pin32). NB: Only one of bits[7:4] should
be set.
6
ADCSEL_AUX3
0
Enable COMP1/AUX3 measurement
(pin31) . NB: Only one of bits[7:4] should
be set.
5
ADCSEL_AUX2
0
Enable COMP1/AUX2 measurement
(pin30) . NB: Only one of bits[7:4] should
be set.
74h
4
ADCSEL_AUX1
0
Enable COMP1/AUX1 measurement
(pin29) . NB: Only one of bits[7:4] should
be set.
Table 48 AUX ADC Control (Measurement Types)
The WM9714L performs a single measurement – either in polling mode or continuously, as indicated
by the CTC bit. The type of measurement is specified by the ADCSEL[7:4] bits. Only one of the
ADCSEL[7:4] bits should be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com