Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9714LGEFL/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ch
Additional
Functions
(2)
1:0
ASS
00
ADC to slot mapping
00: Left = Slot 3, Right = Slot 4 (default)
01: Left = Slot 7, Right = Slot 8
10: Left = Slot 6, Right = Slot 9
11: Left = Slot 10, Right = Slot 11
Table 10 ADC Slot Mapping
RECORD SELECTOR
The record selector determines which input signals are routed into the audio ADC. The left and right
channels can be selected independently. This is useful for recording a phone call: one channel can
be used for the RX signal and the other for the TX signal, so that both sides of the conversation are
digitized.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
RECBST
0
20dB Boost
1: Boost ADC input signal by 20dB
0 :No boost
Note: RECBST gain is in addition to the
microphone pre-amps (MPABST and
MPBBST bits) and record gain (GRL and
GRR / GRL bits).
5:3
RECSL
000
Left ADC signal source
000: MICA (pre-PGA)
001: MICB (pre-PGA)
010: LINEL (pre-PGA)
011: MONOIN (pre-PGA)
100: Headphone Mix (left)
101: Speaker Mix
110: Mono Mix
111: Reserved (do not use this setting)
14h
Record
Routing /
Mux Select
2:0
RECSR
000
Right ADC signal source
000: MICA (pre-PGA)
001: MICB (pre-PGA)
010: LINER (pre-PGA)
011: MONOIN (pre-PGA)
100: Headphone Mix (right)
101: Speaker Mix
110: Mono Mix
111: Reserved (do not use this setting)
Table 11 Audio Record Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com