Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 4 Page - Texas Instruments

  AFEX8201 Datasheet HTML 1Page - Texas Instruments AFEX8201 Datasheet HTML 2Page - Texas Instruments AFEX8201 Datasheet HTML 3Page - Texas Instruments AFEX8201 Datasheet HTML 4Page - Texas Instruments AFEX8201 Datasheet HTML 5Page - Texas Instruments AFEX8201 Datasheet HTML 6Page - Texas Instruments AFEX8201 Datasheet HTML 7Page - Texas Instruments AFEX8201 Datasheet HTML 8Page - Texas Instruments AFEX8201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GPIO6/
CS
10
DI/DO
General-purpose input/output (GPIO) pin. Configured as an SPI chip-select input at power up. Data bits are
clocked into the serial shift register when CS is low. When CS is high, SDO is in Hi-Z and data on SDI are
ignored. If a GPIO pin is not driven, an external pullup or pulldown resistor is required.
IOVDD
12
P
Interface supply. Supply voltage for digital input and output circuitry. This voltage sets the logical thresholds
for the digital interfaces.
NC
23
—
Must be left unconnected.
POL_SEL/
AIN1
16
DI/AI
ADC input voltage if SPECIAL_CFG.AIN1_ENB bit is set to 1. The input range is 0 V to 2 × VREF.
Otherwise, this pin acts as ALMV_POL, which sets the polarity of the VOUT alarm voltage.
PVDD
17
P
Power supply for the internal low-dropout regulator (LDO), ADC input and VOUT DAC output.
REF_EN
5
DI
Internal VREF enable input. A logic high on this pin enables the internal VREF and the VREFIO pin outputs
1.25 V. A logic low on this pin disables the internal VREF and the external 1.25-V reference is required at
the VREFIO pin.
REF_GND
20
P
GND reference for VREFIO pin.
RESET
6
DI
Reset pin, active low. Logic low on this pin places the device into power-down mode and resets the device.
Logic high returns the device to normal operation. Do not leave any digital pins floating.
SCLK
7
DI
SPI clock. Data are transferred at rates up to 12.5 MHz. SCLK is a Schmitt-Trigger logic input. Connect to
GND or logic low if not used. Do not leave any digital pins floating.
SCLR
4
DI
DAC clear input pin in SPI mode. A logic high on this pin forces the DAC output into a CLEAR state.
Connect to GND in UBM. Do not leave any digital input pins floating.
VDD
13
P/AO
Internal low voltage LDO output. When 2.7 V to 5.5 V on PVDD pin is provided, the internal LDO is enabled.
Connect a 1-μF to 10-μF capacitor on this pin.
VOUT
18
AO
DAC output voltage.
VREFIO
19
AI/AO
When the internal VREF is enabled by REF_EN pin, this pin outputs the internal VREF voltage. In this case,
a load capacitance of 70 nF to 130 nF is required for stability. When disabled, this pin is the external 1.25
‑V
reference input.
(1)
AI = Analog input, AO = Analog output, DI = Digital input, DO = Digital output, P = Power.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com