Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 82 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 78Page - Texas Instruments AFEX8201 Datasheet HTML 79Page - Texas Instruments AFEX8201 Datasheet HTML 80Page - Texas Instruments AFEX8201 Datasheet HTML 81Page - Texas Instruments AFEX8201 Datasheet HTML 82Page - Texas Instruments AFEX8201 Datasheet HTML 83Page - Texas Instruments AFEX8201 Datasheet HTML 84Page - Texas Instruments AFEX8201 Datasheet HTML 85Page - Texas Instruments AFEX8201 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Select RGAIN = 8870 Ω, which gives a VoutFSR of 22.22 V, with an output range of ±11.11 V The transfer function
is given by Equation 16.
VOUT=RGAIN2× VIN–VREF
ROS
(16)
Using the AFE88201, the transfer function from code to output voltage is shown in Equation 17.
VOUT= RGAIN
2×ROS× DAC_CODE×2.5V
216 –1.25V
(17)
When using the voltage-output mode, the output load current can be monitored through an analog output
monitor in the XTR305. See also Section 8.2.1.2.1.3.
8.2.1.2.1.3 Diagnostic Features
In addition to the diagnostic ADC and alarms of the AFEx8201 described in Section 7.3.2 and Section 7.3.3.6,
the XTR305 has several additional diagnostic features.
IA Common-Mode Overvoltage Range (EFCM): This flag goes low as soon as the input of the IA reach the limits
of the linear operation for the input voltage.
Overtemperature Flag (EFOT): This flag goes low if the chip temperature reaches 140°C and resets as soon as
the temperature cools down to less than 125°C.
Load Error (EFLD): Indicates fault conditions driving voltage or current into the load. In voltage-output mode, the
device monitors the voltage limits of the output swing and the current limit condition caused from short or low
load resistance. In current-output mode, the alarm indicates a saturation into the supply rails from a high-load
resistance or open load. The fault flag helps detect whether the analog output wire is broken or shorted. This
feature improves the reliability of the analog output function. In case of a short-circuited load, the output current
is limited to ±20 mA in voltage-output mode, and ±32 mA in the current-output mode.
All three fault flags are open collector, and therefore require pullup resistors.
Analog Output Monitor: In current-output mode, the IA output is connected to a resistor through the IAOUT pin
and the IMON pin is internally disconnected. IAOUT is proportional to the output voltage given by Equation 18.
This current is converted into voltage across a 500
‑Ω resistor that can be sensed by the ADC on the AFEx8201.
This current measurement enables a monitor of the output power delivered to the load. If the load resistance is
known, then the output current can be calculated and compared with the commanded value.
IAOUT=2×VOUT
RGAIN
(18)
During voltage-output mode, 1/10th of the output drive current is mirrored onto the IMON pin and IAOUT is
internally disconnected. The IMON pin is connected to a 1-kΩ resistor. The voltage across this resistor is sensed
by the ADC on the AFE88201. If the output load is known, then the output voltage can be calculated and
compared with the commanded value. The output power delivered to the load can also be calculated. Output
monitor functions help detect load changes enabling predictive maintenance, which increase reliability of the
analog output function.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com