Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 7 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 3Page - Texas Instruments AFEX8201 Datasheet HTML 4Page - Texas Instruments AFEX8201 Datasheet HTML 5Page - Texas Instruments AFEX8201 Datasheet HTML 6Page - Texas Instruments AFEX8201 Datasheet HTML 7Page - Texas Instruments AFEX8201 Datasheet HTML 8Page - Texas Instruments AFEX8201 Datasheet HTML 9Page - Texas Instruments AFEX8201 Datasheet HTML 10Page - Texas Instruments AFEX8201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
6.5 Electrical Characteristics (continued)
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = IOVDD = 3.3 V,
external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or GND
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT DAC OUTPUT CHARACTERISTICS
Output voltage
0
2.5
V
VOUT alarm output high
2.35
2.5
2.65
V
VOUT alarm output low
0.285
0.3
0.315
V
RLOAD
Resistive load(2)
10
kΩ
CLOAD
Capacitive load(2)
100
pF
Load regulation
DAC at midscale, –1 mA ≤ IOUT ≤ +1 mA
10
µV/mA
Short-circuit current
Full scale output shorted to GND
5
mA
Zero output shorted to VDD
5
Output voltage headroom to PVDD
DAC at full code, IOUT = 1 mA (sourcing)
200
mV
ZO
Large signal dc output impedance
To GND, DAC at code 0
60
Ω
DAC at midscale
10
mΩ
DAC at code 65535
10
Output Hi-Z
500
kΩ
Power supply rejection ratio (dc)
DAC at midscale
0.1
mV/V
Output voltage drift vs time, ideal VREF
TA = 35°C, VOUT = midscale, 1000 hours
±5
ppmFSR
DIAGNOSTIC ADC
Input voltage
0
2.5
V
Resolution
12
Bits
DNL
Differential nonlinearity
Specified 12-bit monotonic
–1
±0.2
1
LSB
INL
Integral nonlinearity
–4
±1
4
LSB
Offset error
After calibration
–10
±1.6
10
LSB
Gain error
–0.8
±0.13
0.8
%FSR
Noise
±4
LSB
Input capacitance
6
pF
Input bias current
ADC not converting
–50
50
nA
Acquisition time
52
µs
Conversion time
210
µs
Conversion rate
3.84
kSPS
Temperature sensor accuracy
5
°C
INTERNAL OSCILLATOR
Frequency
TA = –40°C to +125°C
1.2165
1.2288
1.2411
MHz
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com