Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 3 Page - Texas Instruments

  AFEX8201 Datasheet HTML 1Page - Texas Instruments AFEX8201 Datasheet HTML 2Page - Texas Instruments AFEX8201 Datasheet HTML 3Page - Texas Instruments AFEX8201 Datasheet HTML 4Page - Texas Instruments AFEX8201 Datasheet HTML 5Page - Texas Instruments AFEX8201 Datasheet HTML 6Page - Texas Instruments AFEX8201 Datasheet HTML 7Page - Texas Instruments AFEX8201 Datasheet HTML 8Page - Texas Instruments AFEX8201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
5 Pin Configuration and Functions
1
GPIO3/ UARTIN
1
GPIO3/ UARTIN
18
VOUT
18
VOUT
2
GPIO2/ UARTOUT
2
GPIO2/ UARTOUT
17
PVDD
17
PVDD
3
GPIO1
3
GPIO1
16
POL_SEL/ AIN1
16
POL_SEL/ AIN1
4
SCLR
4
SCLR
15
AIN0
15
AIN0
5
REF_EN
5
REF_EN
14
GND
14
GND
6
RESET
6
RESET
13
VDD
13
VDD
Not to scale
Not to scale
1
GPIO3/ UARTIN
18
VOUT
2
GPIO2/ UARTOUT
17
PVDD
3
GPIO1
16
POL_SEL/ AIN1
4
SCLR
15
AIN0
5
REF_EN
14
GND
6
RESET
13
VDD
Not to scale
Figure 5-1. RRU Package, 24-pin UQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AIN0
15
AI
ADC input voltage. The input range is 0 V to 2 × VREF.
ALARM
24
DO
Alarm notification pin, open drain, active low. When alarm condition is asserted, this pin is held to logic low;
otherwise, this pin is in a high-impedance state (Hi-Z).
GND
14
P
Digital and analog ground. Ground reference point for all circuitry on the device.
GND
21
P
Digital and analog ground.
GND
22
P
Digital and analog ground.
GPIO0/
CLK_OUT
11
DO/DI
General-purpose input/output (GPIO) pin. Can be configured as a clock output for the 1.2288-MHz internal
clock or as a timer. In Hi-Z if not driven. If a GPIO pin is not driven, an external pullup or pulldown resistor is
required.
GPIO1
3
DO/DI General-purpose input/output (GPIO) pin. In Hi-Z if not driven. If a GPIO pin is not driven, an external pullup
or pulldown resistor is required.
GPIO2/
UARTOUT
2
DO/DI
General-purpose input/output (GPIO) pin. Configured as UART data output at power up. This pin can be
configured to function as IRQ pin in SPI only mode. In Hi-Z if not driven. If a GPIO pin is not driven, an
external pullup or pulldown resistor is required.
GPIO3/
UARTIN
1
DI/DO
General-purpose input/output (GPIO) pin. Configured as UART data input at power up. Connect to IOVDD
or logic high if not used. If a GPIO pin is not driven, an external pullup or pulldown resistor is required.
GPIO4/
SDO
9
DO/DI
General-purpose input/output (GPIO) pin. Can be configured as an SPI data output in SPI mode. Data are
output on the rising edge of SCLK when CS is low. Interrupt request (IRQ) pin in the UART break mode
(UBM). The output is in Hi-Z at power up and must be enabled in the CONFIG register. If a GPIO pin is not
driven, an external pullup or pulldown resistor is required.
GPIO5/
SDI
8
DI/DO
General-purpose input/output (GPIO) pin. Configured as an SPI data input at power up. Data are clocked
into the 24-bit input shift register on the falling edge of the serial clock input. SDI is a Schmitt-Trigger logic
input. If a GPIO pin is not driven, an external pullup or pulldown resistor is required.
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com