Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 1 Page - Texas Instruments

  AFEX8201 Datasheet HTML 1Page - Texas Instruments AFEX8201 Datasheet HTML 2Page - Texas Instruments AFEX8201 Datasheet HTML 3Page - Texas Instruments AFEX8201 Datasheet HTML 4Page - Texas Instruments AFEX8201 Datasheet HTML 5Page - Texas Instruments AFEX8201 Datasheet HTML 6Page - Texas Instruments AFEX8201 Datasheet HTML 7Page - Texas Instruments AFEX8201 Datasheet HTML 8Page - Texas Instruments AFEX8201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs)
With Voltage Reference and Diagnostic ADC for Low-Power Applications
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Low quiescent current: 170 µA (typical), 210 µA
(maximum)
• 16-bit or 14-bit monotonic high-performance DAC
– DAC output range: 0 V to 2.5 V
– Digital DAC slew-rate control
– 4-LSB INL at 16 bits
– 0.07% FSR (max) TUE from –40°C to +125°C
• 12-bit 3.84-kSPS ADC for advanced diagnostics
• Integrated 1.25-V reference at 10 ppm/°C (max)
• Internal 1.2288-MHz oscillator with clock output
• Digital interfaces:
– Serial peripheral interface (SPI)
– Universal asynchronous receiver-transmitter
(UART)
• Fault detection: CRC bit error checking, windowed
watchdog timer, diagnostic ADC
• Wide operating temperature: –55°C to +125°C
2 Applications
• Process control and industrial automation
• PLC or DCS I/O modules
• 3-wire and 4-wire transmitters
• 4-mA to 20-mA loop-powered applications
3 Description
The
16-bit
AFE88201
and
14-bit
AFE78201
(AFEx8201) are highly-integrated, high-accuracy,
extremely
low-power
digital-to-analog
converters
(DACs) with voltage outputs designed for process-
control and industrial-automation applications.
The AFEx8201 devices include most of the
components required to design a 4
‑mA to 20‑mA,
3
‑wire or 4-wire sensor transmitter or analog output
module. In addition to the highly accurate DAC, the
AFEx8201 incorporate a 10-ppm/°C voltage reference
and diagnostic analog-to-digital converter (ADC).
To accommodate intrinsic and functional-safety
concerns, external voltage-to-current conversion and
power-regulation are required.
The internal diagnostic ADC is multiplexed to
several internal nodes that enable an automatic self-
health check. This check is capable of detecting
errors or malfunctions of the internal bias sources,
power regulator, voltage reference, DAC output, die
temperature, and optional external voltage source. If
any fault is detected from the diagnostic ADC, CRC
frame-error checking, or windowed watchdog timer,
the devices can optionally issue an interrupt, enter a
user-specified fail-safe state, or both.
Device Information
PART NUMBER
RESOLUTION
PACKAGE(1)
AFE78201
14-bit
RRU (UQFN, 24)
4.00 mm × 4.00 mm
AFE88201
16-bit
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
GPIO0/CLK_OUT
MUX
12-Bit ADC
MUX
Internal
Diagnostics
Temperature
Sensor
AIN0
POL_SEL/AIN1
16-/14-Bit
DAC
VOUT
Alarm
Diagnostics
Alarm
Responses
User
Calibration
Slew-Rate
Control
DAC Data
Register
ALARM
Control Logic
SCLK
SCLR
PVDD
VDD
GPIO1
Internal
Reference
VREFIO
REF_EN
GND
IOVDD
RESET
Internal
Oscillator
IRQ (UARTOUT or SDO)
REF_GND
NC
GPIO5/SDI
GPIO4/SDO
GPIO3/UARTIN
GPIO2/UARTOUT
GPIO6/CS
Watchdog
Timer
CRC Frame
Error Check
Simplified Block Diagram
AFE78201, AFE88201
SLASF44 – MAY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFEX8201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX8201 TI-AFEX8201 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFEX8201 TI1-AFEX8201 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results

Similar Description - AFEX8201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7883K SANYO-LC7883K Datasheet
205Kb / 10P
16-bit Digital Filter and Digital-to-analog Converters for Digital Audio
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
AFE781H1 TI-AFE781H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFE78201 TI-AFE78201_V01 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com