Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 17Page - Texas Instruments AFEX8201 Datasheet HTML 18Page - Texas Instruments AFEX8201 Datasheet HTML 19Page - Texas Instruments AFEX8201 Datasheet HTML 20Page - Texas Instruments AFEX8201 Datasheet HTML 21Page - Texas Instruments AFEX8201 Datasheet HTML 22Page - Texas Instruments AFEX8201 Datasheet HTML 23Page - Texas Instruments AFEX8201 Datasheet HTML 24Page - Texas Instruments AFEX8201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
7 Detailed Description
7.1 Overview
The AFEx8201 feature a 16-bit (AFE88201) or 14
‑bit (AFE78201) string DAC with voltage output buffer. Both
devices have a buffered voltage output and are designed for use in three
‑wire or four-wire sensor transmitters
or analog output modules. The DAC has calibration registers for setting gain and offset values for adjusting the
DAC outputs. The DAC also has different output slewing modes that allow for a programmable linear slew and a
sinusoidal shaped output slew.
The AFEx8201 also feature a 12
‑bit SAR ADC that can be multiplexed to measure different inputs, including
external nodes and internal nodes for diagnostic measurements on the device. The ADC is capable of making
direct-mode measurements with on-demand conversions or auto-mode measurements through continuous
conversions using a channel sequencer with a multiplexer. The devices have optional alarm configurations with
fault detection and alarm actions.
Device communication and programming are done through an SPI or through the UART break mode (UBM).
With the SPI, a cyclic redundancy check (CRC) is implemented by default, which can be disabled. Additionally,
communications can be monitored with a watchdog timer (WDT) that alerts the user if the device becomes
unresponsive to periodic communication.
The AFEx8201 feature a 1.25-V, onboard precision voltage reference, and an integrated precision oscillator.
Throughout this data sheet, register and bit names are combined with a period to use the following format:
<register_name>.<bit_name>. For example, the CLR bit in the DAC_CFG register is labeled DAC_CFG.CLR.
7.2 Functional Block Diagram
MUX
12-Bit ADC
MUX
Internal
Diagnostics
Temperature
Sensor
AIN0
POL_SEL/AIN1
16-/14-Bit
DAC
VOUT
Alarm
Diagnostics
Alarm
Responses
User
Calibration
Slew-Rate
Control
DAC Data
Register
Watchdog
Timer
CRC Frame
Error Check
ALARM
Control Logic
PVDD
VDD
GND
Internal
Reference
VREFIO
REF_EN
IOVDD
Internal
Oscillator
IRQ (UARTOUT or SDO)
Output Buffer
Range Setting
2.7-V
Comparator
1.8-V
LDO
Power-
On
Reset
OTP
IOVDD
PVDD
VDD
VREF
PVDD
Bias
Generator
0.6 V
ZTAT
ZTAT
REF_GND
NC
GPIO0/CLK_OUT
SCLK
SCLR
GPIO1
RESET
GPIO5/SDI
GPIO4/SDO
GPIO3/UARTIN
GPIO2/UARTOUT
GPIO6/CS
PVDD
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com