Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 20 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFEX8201 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 16Page - Texas Instruments AFEX8201 Datasheet HTML 17Page - Texas Instruments AFEX8201 Datasheet HTML 18Page - Texas Instruments AFEX8201 Datasheet HTML 19Page - Texas Instruments AFEX8201 Datasheet HTML 20Page - Texas Instruments AFEX8201 Datasheet HTML 21Page - Texas Instruments AFEX8201 Datasheet HTML 22Page - Texas Instruments AFEX8201 Datasheet HTML 23Page - Texas Instruments AFEX8201 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
6.11 Typical Characteristics: Power Supply
at TA = 25°C, PVDD = IOVDD = 3.3 V, internal VREFIO, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs
at IOVDD or GND (unless otherwise noted)
Figure 6-44. PVDD Supply Current vs Temperature
Figure 6-45. IOVDD Supply Current vs Temperature
Figure 6-46. VDD Voltage vs Load Current
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com