Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RB2-3CSIM Datasheet(PDF) 67 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 63Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 64Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 65Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 66Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 67Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 68Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 69Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 70Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
67
T89C51RB2/RC2
4105D–8051–10/06
Figure 27. Data Transmission Format (CPHA = 0)
Figure 28. Data Transmission Format (CPHA = 1)
Figure 29. CPHA/SS Timing
As shown in Figure 28, the first SCK edge is the MSB capture strobe. Therefore the
Slave must begin driving its data before the first SCK edge, and a falling edge on the SS
pin is used to start the transmission. The SS pin must be toggled high and then low
between each byte transmitted (Figure 25).
Figure 29 shows an SPI transmission in which CPHA is’1’. In this case, the Master
begins driving its MOSI pin on the first SCK edge. Therefore the Slave uses the first
SCK edge as a start transmission signal. The SS pin can remain low between transmis-
sions (Figure 24). This format may be preferable in systems having only one Master and
only one Slave driving the MISO data line.
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
13
2
4
567
8
Capture point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (internal)
SCK cycle number
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
13
2
4
567
8
Capture point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (internal)
SCK cycle number
Byte 1
Byte 2
Byte 3
MISO/MOSI
Master SS
Slave SS
(CPHA = 1)
Slave SS
(CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com