Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RB2-3CSIM Datasheet(PDF) 44 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 40Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 41Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 42Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 43Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 44Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 45Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 46Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 47Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
44
T89C51RB2/RC2
4105D–8051–10/06
Table 24. SCON Register
SCON - Serial Control Register (98h)
Reset Value = 0000 0000b
Bit addressable
76
54
32
1
0
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Bit
Number
Bit
Mnemonic
Description
7FE
Framing Error bit (SMOD0=1)
Clear to reset the error state, not cleared by a valid stop bit.
Set by hardware when an invalid stop bit is detected.
SMOD0 must be set to enable access to the FE bit.
SM0
Serial port Mode bit 0
Refer to SM1 for serial port mode selection.
SMOD0 must be cleared to enable access to the SM0 bit.
6SM1
Serial port Mode bit 1
SM0
SM1
Mode Description
Baud Rate
0
0
0
Shift Register
FCPU PERIPH/6
0
1
1
8-bit UART
Variable
102
9-bit UART
FCPU PERIPH /32 or /16
1
1
3
9-bit UART
Variable
5SM2
Serial port Mode 2 bit / Multiprocessor Communication Enable bit
Clear to disable multiprocessor communication feature.
Set to enable multiprocessor communication feature in mode 2 and 3, and
eventually mode 1.This bit should be cleared in mode 0.
4REN
Reception Enable bit
Clear to disable serial reception.
Set to enable serial reception.
3TB8
Transmitter Bit 8 / Ninth bit to transmit in modes 2 and 3
Clear to transmit a logic 0 in the 9th bit.
Set to transmit a logic 1 in the 9th bit.
2RB8
Receiver Bit 8 / Ninth bit received in modes 2 and 3
Cleared by hardware if 9th bit received is a logic 0.
Set by hardware if 9th bit received is a logic 1.
In mode 1, if SM2 = 0, RB8 is the received stop bit. In mode 0 RB8 is not
used.
1TI
Transmit Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0 or at the beginning
of the stop bit in the other modes.
0RI
Receive Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0, see Figure 17.
and Figure 18. in the other modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com