Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RB2-3CSIM Datasheet(PDF) 28 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 24Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 25Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 26Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 27Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 28Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 29Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 30Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 31Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
28
T89C51RB2/RC2
4105D–8051–10/06
Registers
Table 13. CMOD Register
CMOD - PCA Counter Mode Register (D9h)
Reset Value = 00XX X000b
Not bit addressable
The CMOD register includes three additional bits associated with the PCA (See
Figure 10 and Table 13).
•
The CIDL bit which allows the PCA to stop during idle mode.
•
The WDTE bit which enables or disables the watchdog function on module 4.
•
The ECF bit which when set causes an interrupt and the PCA overflow flag CF (in
the CCON SFR) to be set when the PCA timer overflows.
The CCON register contains the run control bit for the PCA and the flags for the PCA
timer (CF) and each module (Refer to Table 14).
•
Bit CR (CCON. 6) must be set by software to run the PCA. The PCA is shut off by
clearing this bit.
•
Bit CF: The CF bit (CCON. 7) is set when the PCA counter overflows and an
interrupt will be generated if the ECF bit in the CMOD register is set. The CF bit can
only be cleared by software.
•
Bits 0 through 4 are the flags for the modules (bit 0 for module 0, bit 1 for module 1,
etc. ) and are set by hardware when either a match or a capture occurs. These flags
also can only be cleared by software.
76
54
32
1
0
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
Bit
Number
Bit
Mnemonic
Description
7CIDL
Counter Idle Control
Cleared to program the PCA Counter to continue functioning during idle Mode.
Set to program PCA to be gated off during idle.
6WDTE
Watchdog Timer Enable
Cleared to disable Watchdog Timer function on PCA Module 4.
Set to enable Watchdog Timer function on PCA Module 4.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
CPS1
PCA Count Pulse Select
CPS1 CPS0
Selected PCA input
0
0
Internal clock fCLK PERIPH/6
0
1
Internal clock fCLK PERIPH/2
1
0
Timer 0 Overflow
1
1
External clock at ECI/P1.2 pin (max rate = fCLK PERIPH/ 4)
1
CPS0
0ECF
PCA Enable Counter Overflow Interrupt
Cleared to disable CF bit in CCON to inhibit an interrupt.
Set to enable CF bit in CCON to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com