Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RB2-3CSIM Datasheet(PDF) 40 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 36Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 37Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 38Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 39Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 40Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 41Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 42Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 43Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
40
T89C51RB2/RC2
4105D–8051–10/06
Figure 18. UART Timings in Modes 2 and 3
Automatic Address
Recognition
The automatic address recognition feature is enabled when the multiprocessor commu-
nication feature is enabled (SM2 bit in SCON register is set).
Implemented in hardware, automatic address recognition enhances the multiprocessor
communication feature by allowing the serial port to examine the address of each
incoming command frame. Only when the serial port recognizes its own address, the
receiver sets RI bit in SCON register to generate an interrupt. This ensures that the CPU
is not interrupted by command frames addressed to other devices.
If desired, the user may enable the automatic address recognition feature in mode 1.In
this configuration, the stop bit takes the place of the ninth data bit. Bit RI is set only when
the received command frame address matches the device’s address and is terminated
by a valid stop bit.
To support automatic address recognition, a device is identified by a given address and
a broadcast address.
Note:
The multiprocessor communication and automatic address recognition features cannot
be enabled in mode 0 (i. e. setting SM2 bit in SCON register in mode 0 has no effect).
Given Address
Each device has an individual address that is specified in SADDR register; the SADEN
register is a mask byte that contains don’t-care bits (defined by zeros) to form the
device’s given address. The don’t-care bits provide the flexibility to address one or more
slaves at a time. The following example illustrates how a given address is formed.
To address a device by its individual address, the SADEN mask byte must be 1111
1111b
.
For example:
SADDR0101 0110b
SADEN1111 1100b
Given0101 01XXb
The following is an example of how to use given addresses to address different slaves:
Slave A:SADDR1111 0001b
SADEN1111 1010b
Given1111 0X0Xb
Slave B:SADDR1111 0011b
SADEN1111 1001b
Given1111 0XX1b
Slave C:SADDR1111 0010b
SADEN1111 1101b
Given1111 00X1b
RI
SMOD0=0
Data byte
Ninth
bit
Stop
bit
Start
bit
RXD
D8
D7
D6
D5
D4
D3
D2
D1
D0
RI
SMOD0=1
FE
SMOD0=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com