Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RB2-3CSIM Datasheet(PDF) 57 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 53Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 54Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 55Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 56Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 57Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 58Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 59Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 60Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 117 page
background image
57
T89C51RB2/RC2
4105D–8051–10/06
Table 40. IPH1 Register
IPH1 - Interrupt Priority High Register (B3h)
Reset Value = XXXX X000b
Not bit addressable
76
54
32
1
0
-
-
-
-
-
SPIH
-
KBDH
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2SPIH
SPI interrupt Priority High bit
SPIH
SPIL
Priority Level
0
0
Lowest
0
1
1
0
1
1
Highest
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
KBDH
Keyboard interrupt Priority High bit
KB DH KBDL Priority Level
00
Lowest
0
1
10
1
1
Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com