Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RB2-3CSIM Datasheet(PDF) 45 Page - ATMEL Corporation

Part # T89C51RB2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2-3CSIM Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button T89C51RB2-3CSIM Datasheet HTML 41Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 42Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 43Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 44Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 45Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 46Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 47Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 48Page - ATMEL Corporation T89C51RB2-3CSIM Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 117 page
background image
45
T89C51RB2/RC2
4105D–8051–10/06
Table 25. Example of Computed Value When X2=1, SMOD1=1, SPD=1
Table 26. Example of Computed Value When X2=0, SMOD1=0, SPD=0
The baud rate generator can be used for mode 1 or 3 (refer to Figure 19.), but also for
mode 0 for UART, thanks to the bit SRC located in BDRCON register (Table 33.)
UART Registers
Table 27. SADEN Register
SADEN - Slave Address Mask Register for UART (B9h)
Reset Value = 0000 0000b
Table 28. SADDR Register
SADDR - Slave Address Register for UART (A9h)
Reset Value = 0000 0000b
Baud Rates
FOSC = 16. 384 MHz
FOSC = 24MHz
BRL
Error (%)
BRL
Error (%)
115200
247
1.23
243
0.16
57600
238
1.23
230
0.16
38400
229
1.23
217
0.16
28800
220
1.23
204
0.16
19200
203
0.63
178
0.16
9600
149
0.31
100
0.16
4800
43
1.23
-
-
Baud Rates
FOSC = 16. 384 MHz
FOSC = 24MHz
BRL
Error (%)
BRL
Error (%)
4800
247
1.23
243
0.16
2400
238
1.23
230
0.16
1200
220
1.23
202
3.55
600
185
0.16
152
0.16
76
54
32
1
0
76
54
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com