Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 4Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 5Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 6Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 7Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 8Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 9Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 10Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 11Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
9
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Oscillators
Overview
One oscillator is available for CPU:
•
OSC used for high frequency (3 MHz to 40 MHz)
In order to optimize the power consumption and the execution time needed for a specific
task, an internal prescaler feature has been implemented between the selected oscilla-
tor and the CPU.
Registers
Table 4. Clock Reload Register
Reset Value = 1111 1111b
Not bit addressable
Prescaler Divider
A hardware RESET puts the prescaler divider in the following state:
•
CKRL = FFh: F
CLK CPU = FCLK PERIPH = FOSC/2 (Standard C51 feature)
KS signal selects OSC: F
CLK OUT = FOSC
•
Any value between FFh down to 00h can be written by software into CKRL register
in order to divide frequency of the selected oscillator:
–
CKRL = 00h: minimum frequency
F
CLK CPU = FCLK PERIPH = FOSC/1020 (Standard Mode)
F
CLK CPU = FCLK PERIPH = FOSC/510 (X2 Mode)
–
CKRL = FFh: maximum frequency
F
CLK CPU = FCLK PERIPH = FOSC/2 (Standard Mode)
F
CLK CPU = FCLK PERIPH = FOSC (X2 Mode)
–F
CLK CPU and FCLK PERIPH
In X2 mode:
In X1 mode:
7654
3210
--------
Bit
Number
Bit
Mnemonic Description
7:0
CKRL
Clock Reload Register: Prescaler value
FCPU F
=
CLKPERIPH
FOSC
2255
CKRL
–
()
×
----------------------------------------------
=
FCPU F
=
CLKPERIPH
FOSCA
4255
CKRL
–
()
×
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com