Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 55Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 56Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 57Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 58Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 59Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 60Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 61Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 62Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
60
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Figure 22. Power-down Exit Waveform
Exit from power-down by reset redefines all the SFRs, exit from power-down by external
interrupt does no affect the SFRs.
Exit from power-down by either reset or external interrupt does not affect the internal
RAM content.
Note:
If idle mode is activated with power-down mode (IDL and PD bits set), the exit sequence
is unchanged, when execution is vectored to interrupt, PD and IDL bits are cleared and
idle mode is not entered.
Table 43 shows the state of ports during idle and power-down modes.
Note:
1. Port 0 can force a 0 level. A "one" will leave port floating.
INT1
INT0
XTAL
Power-down Phase
OscillatoR Restart Phase
Active Phase
Active Phase
Table 43. State of Ports
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Port Data
(1)
Port Data
Port Data
Port Data
Idle
External
1
1
Floating
Port Data
Address
Port Data
Power-down
Internal
0
0
Port Dat
(1)
Port Data
Port Data
Port Data
Power-down
External
0
0
Floating
Port Data
Port Data
Port Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com