Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 7Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 8Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 9Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 10Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 11Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 12Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 13Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 14Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
12
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 5. CKCON0 Register
CKCON0 - Clock Control Register (8Fh)
Reset Value = 0000 000’HCB.X2’b (see Hardware Config Byte)
Not bit addressable
7654
3210
-
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
Do not set this bit.
6WDX2
Watchdog clock (This control bit is validated when the CPU clock X2 is set;
when X2 is low, this bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
5PCAX2
Programmable Counter Array clock (This control bit is validated when the
CPU clock X2 is set; when X2 is low, this bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
4SIX2
Enhanced UART clock (Mode 0 and 2) (This control bit is validated when the
CPU clock X2 is set; when X2 is low, this bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
3T2X2
Timer 2 clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
2T1X2
Timer 1 clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
1T0X2
Timer 0 clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
0X2
CPU clock
Cleared to select 12 clock periods per machine cycle (STD mode) for CPU and
all the peripherals.
Set to select 6clock periods per machine cycle (X2 mode) and to enable the
individual peripherals "X2" bits.
Programmed by hardware after Power-up regarding Hardware Config Byte
(HCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com