Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 18Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 19Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 20Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 21Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 22Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 23Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 24Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 25Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
23
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Programmable
Counter Array (PCA)
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accu-
racy. The PCA consists of a dedicated timer/counter which serves as the time base for
an array of five compare/capture modules. Its clock input can be programmed to count
any one of the following signals:
•
Peripheral clock frequency (F
CLK PERIPH)
÷ 6
•
Peripheral clock frequency (F
CLK PERIPH)
÷ 2
•
Timer 0 overflow
•
External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
•
Rising and/or falling edge capture
•
Software timer
•
High-speed output
•
Pulse width modulator
Module 4 can also be programmed as a Watchdog Timer (see Section "PCA Watchdog
Timer", page 34).
When the compare/capture modules are programmed in the capture mode, software
timer, or high-speed output mode, an interrupt can be generated when the module exe-
cutes its function. All five modules plus the PCA timer overflow share one interrupt
vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O.
These pins are listed below. If the port is not used for the PCA, it can still be used for
standard I/O.
The PCA timer is a common time base for all five modules (see Figure 8). The timer
count source is determined from the CPS1 and CPS0 bits in the CMOD register
(Table 11) and can be programmed to run at:
•
1/6 the
peripheral clock frequency (F
CLK PERIPH)
•
1/2 the
peripheral clock frequency (F
CLK PERIPH)
•
The Timer 0 overflow
•
The input on the ECI pin (P1.2)
PCA Component
External I/O Pin
16-bit Counter
P1.2/ECI
16-bit Module 0
P1.3/CEX0
16-bit Module 1
P1.4/CEX1
16-bit Module 2
P1.5/CEX2
16-bit Module 3
P1.6/CEX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com