Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 44Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 45Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 46Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 47Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 48Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 49Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 50Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 51Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
49
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 34. IPL0 Register
IPL0 - Interrupt Priority Register (B8h)
Reset Value = X000 0000b
Bit addressable
7654
3210
-
PPCL
PT2L
PSL
PT1L
PX1L
PT0L
PX0L
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6PPCL
PCA interrupt priority bit
Refer to PPCH for priority level.
5PT2L
Timer 2 overflow interrupt priority bit
Refer to PT2H for priority level.
4
PSL
Serial port priority bit
Refer to PSH for priority level.
3PT1L
Timer 1 overflow interrupt priority bit
Refer to PT1H for priority level.
2PX1L
External interrupt 1 priority bit
Refer to PX1H for priority level.
1PT0L
Timer 0 overflow interrupt priority bit
Refer to PT0H for priority level.
0PX0L
External interrupt 0 priority bit
Refer to PX0H for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com