Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 4 Page - ATMEL Corporation

  AT80C51RB2-3CSCM Datasheet HTML 1Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 2Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 3Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 4Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 5Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 6Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 7Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 8Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
4
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 2. Pin Description
Mnemonic
Pin Number
Type
Name and Function
DIL
PLCC44
VQFP44 1.4
V
SS
20
22
16
I
Ground: 0V reference
V
CC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-down
operation
P0.0 - P0.7
39 - 32
43 - 36
37 - 30
I/O
Port 0: Port 0 is an open-drain, bi-directional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. Port 0 must be
polarized to V
CC or VSS in order to prevent any parasitic current consumption. Port
0 is also the multiplexed low-order address and data bus during access to external
program and data memory. In this application, it uses strong internal pull-up when
emitting 1s. Port 0 also inputs the code bytes during EPROM programming.
External pull-ups are required during program verification during which P0 outputs
the code bytes.
P1.0 - P1.7
1 - 8
2 - 9
40 - 44
1 - 3
I/O
Port 1: Port 1 is an 8-bit bi-directional I/O port with internal pull-ups. Port 1 pins
that have 1s written to them are pulled high by the internal pull-ups and can be
used as inputs. As inputs, Port 1 pins that are externally pulled low will source
current because of the internal pull-ups. Port 1 also receives the low-order address
byte during memory programming and verification.
Alternate functions for T89C51RB2/RC2 Port 1 include:
12
40
I/O
P1.0: Input/Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
23
41
I/O
P1.1: Input/Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
34
42
I/O
P1.2: Input/Output
I
ECI: External Clock for the PCA
45
43
I/O
P1.3: Input/Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
56
44
I/O
P1.4: Input/Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
67
1
I/O
P1.5: Input/Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
78
2
I/O
P1.6: Input/Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
89
3
I/O
P1.7: Input/Output:
I/O
CEX4: Capture/Compare External I/O for PCA module 4
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com