Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSCM Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT80C51RB2-3CSCM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSCM Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSCM Datasheet HTML 39Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 40Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 41Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 42Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 43Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 44Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 45Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 46Page - ATMEL Corporation AT80C51RB2-3CSCM Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
44
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 30. PCON Register
PCON - Power Control Register (87h)
Reset Value = 00X1 0000b
Not bit addressable
Power-off flag reset value will be 1 only after a power on (cold reset). A warm reset
doesn’t affect the value of this bit.
765
43210
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7SMOD1
Serial Port Mode bit 1 for UART
Set to select double baud rate in mode 1, 2 or 3.
6SMOD0
Serial Port Mode bit 0 for UART
Cleared to select SM0 bit in SCON register.
Set to select FE bit in SCON register.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4POF
Power-off Flag
Cleared to recognize next reset type.
Set by hardware when V
CC rises from 0 to its nominal voltage. Can also be set
by software.
3GF1
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
2GF0
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
1PD
Power-down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0IDL
Idle mode bit
Cleared by hardware when interrupt or reset occurs.
Set to enter idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com